|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KC7783 PIR Sensor Module ___________________________________________________________________________ General KC7783 is a pyroelectric sensor module which developed for human body detection. A PIR detector combined with a fresnel lens are mounted on a compact size PCB together with an analog IC, KC778B, and limited components to form the module. High level output of variable width is provided. Features * * * * * * * Compact size (25 x 35 mm) Wide range of operation voltage 4-12V Special output pulse width can be requested TTL output can be directly connected to micro controller or logic device High sensitivity High RFI immunity Power up delay 25sec Lens Information Electrical Specification Operation Volage Operation Current PIR Input Gain Output Pulse Width Operation Temperature 4 - 12V 400A at 5V 68dB 0.5 sec min -20oC -50oC Note : Due to the high sensitivity of PIR sensor device, it is not recommended to use the module in the following or similar condition. A) in rapid environmental changes B) in strong shock or vibration C) in a place where there are obstructing material (eg. glass) through which IR cannot pass within detection area. D) exposed to direct sun light E) exposed to direct wind from a heater or air conditioner. _________________________________________________________________________________________ |
Price & Availability of KC7783 |